Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812A-S8-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 1812A-S8-R
Description  SINGLE SOUND GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1812A-S8-R Datasheet(HTML) 7 Page - Unisonic Technologies

  1812A-S8-R Datasheet HTML 1Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 2Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 3Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 4Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 5Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 6Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 7Page - Unisonic Technologies 1812A-S8-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1812A/1812B/1813
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-006,E
APPLICATION CIRCUITS(Cont.)
Hand touch trigger
VDD
Rosc
1
2
3
45
6
7
8
VDD
KEY
OSC2
OSC1
VSS
OUT
OUT
LED
100Ω
VDD
8050
Hand
Touch
Piezo
UTC1812A
APPLICATION CIRCUITS (1812-SIREN I)
8050
VDD
VDD
100Ω
270K
1
2
3
45
6
7
8
VDD
KEY
OSC2
OSC1
VSS
OUT
OUT
LED
100Ω
UTC 1812A
Ω
* The IC substrate should be connected to VDD in the PCB layout artwork
.
KEY
OUT
LED
T= 0. 38sec
When Fosc=64kHz
ENV
(repeat15 cycle)


Similar Part No. - 1812A-S8-R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1812A-B591000 BELDEN-1812A-B591000 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-B59328 BELDEN-1812A-B59328 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-B59N1000 BELDEN-1812A-B59N1000 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-G7V328 BELDEN-1812A-G7V328 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-G7VN1000 BELDEN-1812A-G7VN1000 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
More results

Similar Description - 1812A-S8-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
   Single Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
   SINGLE SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
   Single Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_15 Datasheet
301Kb / 8P
   SINGLE SOUND GENERATOR
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
   SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
   6-Sound Generator
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
   Programmable Sound Generator
logo
Holtek Semiconductor In...
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
   Dual Sound Generator
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
   4-Sound Generator
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
   PROGRAMMABLE SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com