Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78LC40NTR Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC78LC40NTR
Description  Micropower Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC40NTR Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC78LC40NTR Datasheet HTML 3Page - ON Semiconductor MC78LC40NTR Datasheet HTML 4Page - ON Semiconductor MC78LC40NTR Datasheet HTML 5Page - ON Semiconductor MC78LC40NTR Datasheet HTML 6Page - ON Semiconductor MC78LC40NTR Datasheet HTML 7Page - ON Semiconductor MC78LC40NTR Datasheet HTML 8Page - ON Semiconductor MC78LC40NTR Datasheet HTML 9Page - ON Semiconductor MC78LC40NTR Datasheet HTML 10Page - ON Semiconductor MC78LC40NTR Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC78LC00 Series
http://onsemi.com
7
0.0
0.7
5.0
0.6
4.0
1.0
0.5
Figure 14. Dropout Voltage versus Set Output Voltage
0.8
VO, Set Output Voltage (V)
2.0
3.0
6.0
0
0.4
0.3
0.2
0.1
NTR Series
0
0.8
Figure 15. Dropout Voltage versus
Set Output Voltage
IO = 10 mA
IO = 1.0 mA
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
2.0
3.0
4.0
5.0
6.0
HT1 Series
4.0
200
5.0
−100
300
−300
6.0
Time (mS)
Figure 16. Line Transient
0
2.0
2.5
1.5
1.0
0.5
Vin = 4.5 V to 5.5 V
Vout = 3.0 V
100
−200
0
RL = 3 k
Cout = 0.1 mF
NTR Series
0
8.0
t, Time (ms)
CO = 0.1 mF
IO = 1.0 mA
Figure 17. Line Transient Response
Input Voltage
Output Voltage
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
2.0
4.0
6.0
HT1 Series
0
2.0
1.5
1.0
0.5
2.5
Vin, Input Voltage (V)
Figure 18. Output Voltage versus Input Voltage
Figure 19. Ground Current versus Input Voltage
3.5
3.0
2.5
2.0
0.5
0
1.5
1.0
TA = 25°C
IO = 50 mA
100
mA
200
mA
0
2.0
1.5
1.0
0.5
2.5
Vin, Input Voltage (V)
TA = 25°C
IO = 0 mA
50
mA
100
mA
200
mA
1.5
1.0
0.8
0.2
0
0.6
0.4
50
mA
200
mA
NTR Series
NTR Series
VO, Set Output Voltage (V)


Similar Part No. - MC78LC40NTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC40NTR MOTOROLA-MC78LC40NTR Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC40NTR ONSEMI-MC78LC40NTR Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC40NTR ONSEMI-MC78LC40NTR Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC40NTRG ONSEMI-MC78LC40NTRG Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC40NTRG ONSEMI-MC78LC40NTRG Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
More results

Similar Description - MC78LC40NTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com