Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUW11AW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUW11AW
Description  Silicon diffused power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW11AW Datasheet(HTML) 5 Page - NXP Semiconductors

  BUW11AW Datasheet HTML 1Page - NXP Semiconductors BUW11AW Datasheet HTML 2Page - NXP Semiconductors BUW11AW Datasheet HTML 3Page - NXP Semiconductors BUW11AW Datasheet HTML 4Page - NXP Semiconductors BUW11AW Datasheet HTML 5Page - NXP Semiconductors BUW11AW Datasheet HTML 6Page - NXP Semiconductors BUW11AW Datasheet HTML 7Page - NXP Semiconductors BUW11AW Datasheet HTML 8Page - NXP Semiconductors BUW11AW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Aug 14
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW11W; BUW11AW
Fig.2 Forward bias SOAR.
Tmb ≤ 25 °C.
I - Region of permissible DC operation.
II - Permissible extension for repetitive pulse operation.
III - Area of permissible operation during turn-on in single transistor converters, provided RBE ≤ 100 Ω and tp ≤ 0.6 µs.
IV - Repetitive pulse operation in this region is permissible provided VBE ≤ 0 and tp ≤ 5 ms.
(1) Ptot max line.
(2) Second breakdown limits.
handbook, full pagewidth
MGB948
1
10
102
103
104
VCE (V)
10
10−1
10−2
102
10−3
IC
(A)
(1)
(2)
I
II
III
IV
IC max
DC
BUW11W
BUW11AW
ICM max


Similar Part No. - BUW11AW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUW11AW ISC-BUW11AW Datasheet
198Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BUW11AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
   SILICON DIFFUSED POWER TRANSISTORS
July 1988
BUT12 PHILIPS-BUT12 Datasheet
100Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11F PHILIPS-BUW11F Datasheet
88Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BU505 PHILIPS-BU505 Datasheet
74Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
logo
List of Unclassifed Man...
BU508DF ETC2-BU508DF Datasheet
228Kb / 2P
   SILICON DIFFUSED POWER TRANSISTORS
logo
NXP Semiconductors
BU505F PHILIPS-BU505F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUT12F PHILIPS-BUT12F Datasheet
78Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com