Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7809L-TA3-G-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LM7809L-TA3-G-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM7809L-TA3-G-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LM7809L-TA3-G-T Datasheet HTML 2Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 3Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 4Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 5Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 6Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 7Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 8Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 9Page - Unisonic Technologies LM7809L-TA3-G-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R101-006,J
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LM7812
(VIN =19V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
11.52 12.0
12.48
V
Output Voltage
VOUT
VIN =14.5V ~ 27V,
IOUT=5mA - 1.0A,PD 15W
11.40
12.60
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
120
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
60
mV
VIN =14.5V ~ 30V, TJ =25°C
120
mV
Line regulation
ΔVOUT
VIN =14.6V ~ 27V, TJ =25°C, IOUT=1.0A
120
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =14.5V ~ 30V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
75
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.5
mV/
°C
Ripple Rejection
RR
VIN =15V - 25V,f=120Hz, TJ =25°C
55
72
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC LM7815
(VIN =23V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
14.40 15.0
15.60
V
Output Voltage
VOUT
VIN =17.5V ~ 30V,
IOUT=5mA - 1.0A,PD 15W
14.25
15.75
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
150
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
75
mV
VIN =18.5V ~ 30V, TJ =25°C
150
mV
Line regulation
ΔVOUT
VIN =17.7V ~ 30V, TJ =25°C, IOUT =1.0A
150
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =17.5V ~ 30V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
90
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.8
mV/
°C
Ripple Rejection
RR
VIN =18.5V ~ 28.5V,f=120Hz, TJ =25°C
54
70
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA


Similar Part No. - LM7809L-TA3-G-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7809L-TA3-B UTC-LM7809L-TA3-B Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM7809L-TA3-K UTC-LM7809L-TA3-K Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM7809L-TA3-T UTC-LM7809L-TA3-T Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM7809L-TA3-G-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com