Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7815L-TF3-I-T Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LM7815L-TF3-I-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM7815L-TF3-I-T Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LM7815L-TF3-I-T Datasheet HTML 2Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 3Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 4Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 5Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 6Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 7Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 8Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 9Page - Unisonic Technologies LM7815L-TF3-I-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R101-006,J
TYPICAL CHARACTERISTICS
Fig.1 Ambient temperature vs. Power
dissipation
Fig.2 Output Voltage vs. Ambient
temperature
-50
-25
0
75
8
12
14
16
Ambient Temperature, Ta (℃)
Ambient Temperature, Ta (℃)
-50
0
50
100
4.8
4.9
5.0
5.1
5.2
θ
HS=0℃/W
4
25
50
0
105
125
150
θJC
=5℃/W
θJA
=65℃/W
TJ(max)=150℃
No Heatsink
θ
HS=5℃/W
θ
HS=15℃/W
Fig.3 Dropout Voltage
025
50
100
1.0
1.5
2.0
2.5
Junction Temperature, TJ (℃)
0.5
DROPOUT CONDITIONS
VOUT=2% of VOUT
75
125
IOUT=1.0mA
IOUT=40mA
IOUT=70mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LM7815L-TF3-I-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7815L-TF3-B UTC-LM7815L-TF3-B Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM7815L-TF3-K UTC-LM7815L-TF3-K Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM7815L-TF3-T UTC-LM7815L-TF3-T Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM7815L-TF3-I-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com