Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950-33-D08-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LP2950-33-D08-T
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2950-33-D08-T Datasheet(HTML) 7 Page - Unisonic Technologies

  LP2950-33-D08-T Datasheet HTML 1Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 2Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 3Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 4Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 5Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 6Page - Unisonic Technologies LP2950-33-D08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R102-001,J
TYPICAL CHARACTERISTICS(Cont.)
-75 -50 -25
0
25
50 75 100 125 150
100
110
120
130
140
150
160
170
Temperature (℃)
Short Circuit Current
0.1
1
10
100
0
100
200
300
400
500
Dropout Voltage
Output Current (mA)
TJ=25℃
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Similar Part No. - LP2950-33-D08-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950-33 TI-LP2950-33 Datasheet
3Mb / 32P
[Old version datasheet]   Adjustable Micropower Voltage Regulators with Shutdown
LP2950-33LP TI-LP2950-33LP Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LP TI-LP2950-33LP Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LP TI-LP2950-33LP Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-33LP TI1-LP2950-33LP Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2950-33-D08-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
   100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
   100 mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com