Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3848 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U3848
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848 Datasheet(HTML) 3 Page - Unisonic Technologies

  U3848 Datasheet HTML 1Page - Unisonic Technologies U3848 Datasheet HTML 2Page - Unisonic Technologies U3848 Datasheet HTML 3Page - Unisonic Technologies U3848 Datasheet HTML 4Page - Unisonic Technologies U3848 Datasheet HTML 5Page - Unisonic Technologies U3848 Datasheet HTML 6Page - Unisonic Technologies U3848 Datasheet HTML 7Page - Unisonic Technologies U3848 Datasheet HTML 8Page - Unisonic Technologies U3848 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R103-033,B
PIN CONFIGURATION
GND
OUT
VCC
VREF
RT
CS
FB
SS 1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
SS
Soft-start
2
FB
Feedback
3
CS
Controller current sense input
4
RT
The resistor controlling switch frequency
5
GND
Ground
6
OUT
Output to the gate of external power MOS
7
VCC
Supply voltage
8
VREF
Inter 6.3V reference voltage, connected with the filter capacitor


Similar Part No. - U3848

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3800 TEMIC-U3800 Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Texas Instruments
U3825DW TI-U3825DW Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
U3825J TI-U3825J Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - U3848

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com