Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7809-TF3-G-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM7809-TF3-G-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM7809-TF3-G-T Datasheet(HTML) 4 Page - Unisonic Technologies

  LM7809-TF3-G-T Datasheet HTML 1Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 2Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 3Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 4Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 5Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 6Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 7Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 8Page - Unisonic Technologies LM7809-TF3-G-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R101-006,J
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LM7805
(VIN =10V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
4.80
5.0
5.20
V
Output Voltage
VOUT
VIN =7.5V ~ 20V,
IOUT=5mA - 1.0A,PD 15W
4.75
5.25
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
50
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
25
mV
VIN =7V ~ 25V, TJ =25°C
50
mV
Line regulation
ΔVOUT
VIN =7.5V ~ 20V, TJ =25°C, IOUT=1.0A
50
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =7.5V ~ 20V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
40
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN =8V - 18V,f=120Hz, TJ =25°C
62
80
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC LM7806
(VIN =11V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
5.76
6.0
6.24
V
Output Voltage
VOUT
VIN =8.5V ~ 21V,
IOUT=5mA - 1.0A, PD 15W
5.70
6.30
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
60
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
30
mV
VIN =8V ~ 25V, TJ =25°C
60
mV
Line regulation
ΔVOUT
VIN =8.5V ~ 21V, TJ =25°C,IOUT=1.0A
60
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =8.5V ~ 21V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
45
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.7
mV/
°C
Ripple Rejection
RR
VIN =9V - 19V,f=120Hz, TJ =25°C
59
75
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA


Similar Part No. - LM7809-TF3-G-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7809 UTC-LM7809 Datasheet
83Kb / 6P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7809 ETC-LM7809 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7809 FAIRCHILD-LM7809 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7809 FAIRCHILD-LM7809 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7809 FCI-LM7809 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7809-TF3-G-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com