Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34072 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MC34072
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button MC34072_05 Datasheet HTML 3Page - Unisonic Technologies MC34072_05 Datasheet HTML 4Page - Unisonic Technologies MC34072_05 Datasheet HTML 5Page - Unisonic Technologies MC34072_05 Datasheet HTML 6Page - Unisonic Technologies MC34072_05 Datasheet HTML 7Page - Unisonic Technologies MC34072_05 Datasheet HTML 8Page - Unisonic Technologies MC34072_05 Datasheet HTML 9Page - Unisonic Technologies MC34072_05 Datasheet HTML 10Page - Unisonic Technologies MC34072_05 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R105-007,C
TYPICAL CHARACTERISTICS (Cont)
Single Supply Output Saturation vs. Load
Resistance to VCC
VEE
05.0
Input Common Mode Voltage, VIC (V)
VCC
VEE+1.0
20
15
10
Split Supply Output Saturation vs. Load Current
VCC-4.0
0.2
Load Resistance to Ground, RL (Ω)
VCC
0.1
100k
10k
1.0k
0
100
VEE+2.0
VCC-2.0
VCC-1.0
Source
VCC/VEE = +5.0V/-5.0V ~ +22V/ -22V
TA = 25℃
VCC
Sink
VEE
Gnd
VCC-2.0
VCC
VCC = +15V
RL = Gnd
TA = 25℃
Single Supply Output Saturation vs. Load
Resistance to Ground
100
1.0k
Load Resistance to VCC, RL (Ω)
0
1.0
100k
10k
Output Short Circuit Current vs. Temperature
40
20
Ambient Temperature, TA (Ω)
60
10
125
50
0
0
-55
2.0
-0.8
-0.4
50
Sink
VCC = +15V
VEE = -15V
RL ≤ 0.1Ω
Δ
VIN = 1.0V
VCC
Gnd
VCC = +15V
RL ~ VCC
TA = 25℃
Source
30
100
75
25
-25
Output Impedance vs. Frequency
1.0k
10k
Frequency, t (Hz)
50
10
10M
1.0M
Output Voltage Swing vs. Frequency
20
8.0
Frequency, t (Hz)
28
4.0
3.0M
100k
30k
0
3.0k
20
30
40
24
16
1.0M
300k
10k
AY = 1000
VCC = +15V
VEE = -15V
VCM = 0
VOUT = 0
Δ
IOUT =
±0.5mA
TA = 25℃
AY = 100
AY = 10
100
0
12
VCC = +15V
VEE = -15V
AY = +1.0
RL = 2.0k
THD ≤ 1.0%
TA = 25℃


Similar Part No. - MC34072_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - MC34072_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_15 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com