Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP40DT Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EP40DT
Description  3.3V / 5V ECL Differential Phase?묯requency Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40DT Datasheet(HTML) 6 Page - ON Semiconductor

  MC100EP40DT Datasheet HTML 1Page - ON Semiconductor MC100EP40DT Datasheet HTML 2Page - ON Semiconductor MC100EP40DT Datasheet HTML 3Page - ON Semiconductor MC100EP40DT Datasheet HTML 4Page - ON Semiconductor MC100EP40DT Datasheet HTML 5Page - ON Semiconductor MC100EP40DT Datasheet HTML 6Page - ON Semiconductor MC100EP40DT Datasheet HTML 7Page - ON Semiconductor MC100EP40DT Datasheet HTML 8Page - ON Semiconductor MC100EP40DT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC100EP40
http://onsemi.com
6
Figure 3. Fmax/Jitter @ 255C
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
(JITTER)
9
3.3 V
10
550
500
450
400
350
300
250
1.0
1.5
2.0
2.5
0
5 V
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100EP40DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP40DT ONSEMI-MC100EP40DT Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
MC100EP40DTR2 ONSEMI-MC100EP40DTR2 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40DTR2G ONSEMI-MC100EP40DTR2G Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
More results

Similar Description - MC100EP40DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_14 Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com