Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP16VS Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EP16VS
Description  3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VS Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EP16VS Datasheet HTML 1Page - ON Semiconductor MC100EP16VS Datasheet HTML 2Page - ON Semiconductor MC100EP16VS Datasheet HTML 3Page - ON Semiconductor MC100EP16VS Datasheet HTML 4Page - ON Semiconductor MC100EP16VS Datasheet HTML 5Page - ON Semiconductor MC100EP16VS Datasheet HTML 6Page - ON Semiconductor MC100EP16VS Datasheet HTML 7Page - ON Semiconductor MC100EP16VS Datasheet HTML 8Page - ON Semiconductor MC100EP16VS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC100EP16VS
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
36
42
31
38
44
32
40
48
mA
VOH
Output HIGH Voltage (Note 6)
VCC > VCTRL > VEE
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Max Swing)
(Note 6)
VCTRL ≤ VBB 3055
3190
3305
3055
3220
3305
3055
3220
3305
mV
VCC ≥ VCTRL > VBB
See
Fig.2
See
Fig.2
See
Fig.2
VCTRL = VCC (Min Swing) 3805
3930
4055
3795
3920
4045
3765
3890
4015
VIH
D, D Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
D, D Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VCTRL
Input Voltage (VCTRL)
VEE
VCC
VEE
VCC
VEE
VCC
mV
VBB
Output Voltage Reference
3505
3605
3705
3505
3605
3705
3505
3605
3705
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 7)
2.0
4.6
2.0
4.6
2.0
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
6. All loading with 50 W to VCC − 2.0 V. VOH does not change with VCTRL. VOL changes with VCTRL. VCTRL is referenced to VCC.
7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC100EP16VS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VSD ONSEMI-MC100EP16VSD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16VSDG ONSEMI-MC100EP16VSDG Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16VSDR2G ONSEMI-MC100EP16VSDR2G Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16VSDTG ONSEMI-MC100EP16VSDTG Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16VSDTR2G ONSEMI-MC100EP16VSDTR2G Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
More results

Similar Description - MC100EP16VS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com