Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT136 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BT136
Description  TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT136 Datasheet(HTML) 1 Page - Unisonic Technologies

  BT136 Datasheet HTML 1Page - Unisonic Technologies BT136 Datasheet HTML 2Page - Unisonic Technologies BT136 Datasheet HTML 3Page - Unisonic Technologies BT136 Datasheet HTML 4Page - Unisonic Technologies BT136 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC BT136
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R401-004,A
TRIACS
DESCRIPTION
Passivated triacs in a plastic envelope, intended for use in
applications requiring high bidirectional transient and blocking
voltage capability and high thermal cycling performance. Typical
applications include motor control, industrial and domestic
lighting, heating and static switching.
SYMBOL
MT2
MT1
G
TO-220
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive peak off-state voltages
VDRM
600*
V
RMS on-state current
full sine wave; Tmb ≤107 °C
IT(RMS)
4
A
Non-repetitive peak on-state current
(Full sine wave; Tj = 25 °C prior to surge)
t = 20ms
t = 16.7 ms
ITSM
25
27
A
I2t for fusing
t = 10 ms
I2t
3.1
A2s
Repetitive rate of rise of on-state current after triggering
ITM = 6 A; IG = 0.2A;dIG /dt = 0.2A/μs
T2+G+
T2+G-
T2-G-
T2-G+
dIT /dt
50
50
50
10
A/μs
Peak gate voltage
VGM
5
V
Peak gate current
IGM
2
A
Peak gate power
PGM
5
W
Average gate power (over any 20 ms period)
PG(AV)
0.5
W
Storage temperature
Tstg
-40 ~ 150
Operating junction temperature
Tj
125
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the traic may switch
to the on-state. The rate of rise of current should not exceed 3A/
µs.


Similar Part No. - BT136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
logo
Foshan Blue Rocket Elec...
BT136 FOSHAN-BT136 Datasheet
1,020Kb / 6P
   Triac in a TO-220 Plastic Package
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
50Kb / 6P
   Triacs
October 1997 Rev 1.100
logo
Rectron Semiconductor
BT136 RECTRON-BT136 Datasheet
323Kb / 3P
   SEMICONDUCTOR
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results

Similar Description - BT136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com