Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC595DTR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74VHC595DTR2
Description  8-Bit Shift Register with Output Storage Register (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC595DTR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74VHC595DTR2 Datasheet HTML 3Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 4Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 5Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 6Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 7Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 8Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 9Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 10Page - ON Semiconductor MC74VHC595DTR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74VHC595
http://onsemi.com
7
AC ELECTRICAL CHARACTERISTICS (Input tr =tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA =25°C
TA = ≤ 85°C
TA = ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
Frequency (50%
Duty Cycle)
VCC =3.3 ± 0.3 V
80
150
70
70
MHz
VCC =5.0 ± 0.5 V
135
185
115
115
tPLH,
tPHL
Propagation Delay,
SCK to SQH
VCC =3.3 ± 0.3 V
CL = 15pF
CL = 50pF
8.8
11.3
13.0
16.5
1.0
1.0
15.0
18.5
1.0
1.0
15.0
18.5
ns
VCC =5.0 ± 0.5 V
CL = 15pF
CL = 50pF
6.2
7.7
8.2
10.2
1.0
1.0
9.4
11.4
1.0
1.0
9.4
11.4
tPHL
Propagation Delay,
CPLR to SQH
VCC =3.3 ± 0.3 V
CL = 15pF
CL = 50pF
8.4
10.9
12.8
16.3
1.0
1.0
13.7
17.2
1.0
1.0
13.7
17.2
ns
VCC =5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.9
7.4
8.0
10.0
1.0
1.0
9.1
11.1
1.0
1.0
9.1
11.1
tPLH,
tPHL
Propagation Delay,
RCK to QA--QH
VCC =3.3 ± 0.3 V
CL = 15pF
CL = 50pF
7.7
10.2
11.9
15.4
1.0
1.0
13.5
17.0
1.0
1.0
13.5
17.0
ns
VCC =5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.4
6.9
7..4
9.4
1.0
1.0
8.5
10.5
1.0
1.0
8.5
10.5
tPZL,
tPZH
Output Enable Time,
OE to QA--QH
VCC =3.3 ± 0.3 V
CL = 15pF
RL =1kΩ
CL = 50pF
7.5
9.0
11.5
15.0
1.0
1.0
13.5
17.0
1.0
1.0
13.5
17.0
ns
VCC =5.0 ± 0.5 V
CL = 15pF
RL =1kΩ
CL = 50pF
4.8
8.3
8.6
10.6
1.0
1.0
10.0
12.0
1.0
1.0
10.0
12.0
tPLZ,
tPHZ
Output Disable Time,
OE to QA--QH
VCC =3.3 ± 0.3 V
CL = 50pF
RL =1kΩ
12.1
15.7
1.0
16.2
1.0
16.2
ns
VCC =5.0 ± 0.5 V
CL = 50pF
RL =1kΩ
7.6
10.3
1.0
11.0
1.0
11.0
CIN
Input Capacitance
4
10
10
10
pF
COUT
Three--State Output
Capacitance (Output
in High--Impedance
State), QA--QH
6
10
10
pF
CPD
Power Dissipation Capacitance (Note 1)
Typical @ 25°C, VCC =5.0V
pF
87
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) =CPD ¯ VCC ¯ fin +ICC.CPD is used to determine the no--load dynamic
power consumption; PD =CPD ¯ VCC2 ¯ fin +ICC ¯ VCC.
NOISE CHARACTERISTICS (Input tr =tf = 3.0ns, CL = 50pF, VCC =5.0V)
Symbol
Characteristic
TA =25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.8
1.0
V
VOLV
Quiet Output Minimum Dynamic VOL
-- 0.8
-- 1.0
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
TIMING REQUIREMENTS (Input tr =tf = 3.0ns)
Symbol
Parameter
VCC
V
TA =25_C
TA =--40 to
85°C
TA =--55 to
125°C
Unit
Typ
Limit
Limit
Limit
tsu
Setup Time, SI to SCK
3.3
5.0
3.5
3.0
3.5
3.0
3.5
3.0
ns
tsu(H)
Setup Time, SCK to RCK
3.3
5.0
8.0
5.0
8.5
5.0
8.5
5.0
ns


Similar Part No. - MC74VHC595DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC595DTR2G ONSEMI-MC74VHC595DTR2G Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
More results

Similar Description - MC74VHC595DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
logo
Motorola, Inc
MC74VHC595 MOTOROLA-MC74VHC595 Datasheet
206Kb / 9P
   8-Bit Shift Register with Output Storage Register
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
NXP Semiconductors
74F598 PHILIPS-74F598 Datasheet
115Kb / 14P
   8-bit shift register with input storage registers 3-State
1991 Oct 21
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com