Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC374M Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC374M
Description  Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC374M Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC374M Datasheet HTML 1Page - ON Semiconductor MC74VHC374M Datasheet HTML 2Page - ON Semiconductor MC74VHC374M Datasheet HTML 3Page - ON Semiconductor MC74VHC374M Datasheet HTML 4Page - ON Semiconductor MC74VHC374M Datasheet HTML 5Page - ON Semiconductor MC74VHC374M Datasheet HTML 6Page - ON Semiconductor MC74VHC374M Datasheet HTML 7Page - ON Semiconductor MC74VHC374M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
http://onsemi.com
5
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.6
0.9
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.6
− 0.9
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40
to 85°C
Unit
Typ
Limit
Limit
tw
Minimum Pulse Width, CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
5.0
5.0
5.5
5.0
ns
tsu
Minimum Setup Time, D to CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
4.5
3.0
4.5
3.0
ns
th
Minimum Hold Time, D to CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
2.0
2.0
2.0
2.0
ns
tr, tf
Maximum Input Rise and Fall Times
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
ns
SWITCHING WAVEFORMS
Figure 3.
VCC
GND
50% VCC
50%
CP
tPLH
tPHL
Q
tW
1/fmax
50%
50% VCC
50% VCC
OE
Q
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
VOH −0.3V
HIGH
IMPEDANCE
50%
D
CP
VCC
VCC
GND
GND
VALID
th
tsu
50%
Q
Figure 4.
Figure 5.


Similar Part No. - MC74VHC374M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374M MOTOROLA-MC74VHC374M Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHC374MELG ONSEMI-MC74VHC374MELG Datasheet
151Kb / 9P
   Octal D-Type Flip-Flop with 3-State Output
May, 2011 ??Rev. 6
More results

Similar Description - MC74VHC374M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74VHC573 ONSEMI-MC74VHC573_06 Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT373A ONSEMI-MC74VHCT373A_06 Datasheet
96Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573A ONSEMI-MC74VHCT573A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com