Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24064DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24064DRCR
Description  1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24064DRCR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24064DRCR Datasheet HTML 1Page - Texas Instruments BQ24064DRCR Datasheet HTML 2Page - Texas Instruments BQ24064DRCR Datasheet HTML 3Page - Texas Instruments BQ24064DRCR Datasheet HTML 4Page - Texas Instruments BQ24064DRCR Datasheet HTML 5Page - Texas Instruments BQ24064DRCR Datasheet HTML 6Page - Texas Instruments BQ24064DRCR Datasheet HTML 7Page - Texas Instruments BQ24064DRCR Datasheet HTML 8Page - Texas Instruments BQ24064DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
(1)
bq2406x
SLUS689A – JUNE 2006 – REVISED OCTOBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
Safety
Power
Pack Voltage
Charge Input Over
Termination
IC
Pack
Timer
Good
Detection
Devices(1)(2)(3)
Marking
Voltage
Voltage
Enable
Enable
Temp
Enable
Status
(Absent)
With timer
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
No
TS pin
bq24060
BPG
enabled
With timer
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
CE pin
No
bq24061
BPH
enabled
With termination
4.2 V
6.5 V
TE pin
TMR pin
No
CE pin
No
bq24063
Preview
enabled
With timer
4.2 V
10.5 V
TMR pin
TMR pin
PG pin
No
TS pin
bq24064
BSA
enabled
(1)
The bq2406x are only available taped and reeled. Add suffix R to the part number for quantities of 3,000 devices per reel (e.g.,
bq24060BPGR). Add suffix T to the part number for quantities of 250 devices per reel (e.g., bq24060DRCT).
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
bq2406x
Supply voltage (IN with respect to Vss)
–0.3 V to 18 V(2)
Input voltage on IN, STATx, PG, TS, CE, TE, TMR (all with respect to Vss)
–0.3 V to V(IN)
Input voltage on OUT, BAT, ISET (all with respect to Vss)
–0.3 V to 7 V
Output sink current (STATx) + PG
15 mA
Output current (OUT pin)
1.5 A
TA
Operating free-air temperature range
–40
°C to 155°C
Tstg
Storage temperature range
–65
°C to 150°C
TJ
Junction temperature range
–40
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability
(2)
The bq2406x device can withstand up to 26 V for a maximum of 87 hours.
MIN
TYP
MAX
UNIT
V(IN)
Supply voltage range
Battery absent detection not functional
3.5
4.35
V
V(IN)
Supply voltage range
Battery absent detection functional
4.35
16.5
V
TJ
Junction temperature
0
125
°C
RTMR
33K
≤ R
TMR≤ 100K
PACKAGE
θ
JC (°C/W)
θ
JA (°C/W)
10-pin DRC
3.21
46.87
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu
pad on the board. This is connected to the ground plane by a 2×3 via matrix.
2
Submit Documentation Feedback


Similar Part No. - BQ24064DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results

Similar Description - BQ24064DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com