Electronic Components Datasheet Search |
|
IS61LV12816-10T Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
IS61LV12816-10T Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
8 / 12 page IS61LV12816 8 Integrated Silicon Solution, Inc. — 1-800-379-4774 Rev. C 02/05/2003 ISSI® WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range) -10 ns -12 ns -15 ns Symbol Parameter Min. Max. Min. Max. Min. Max. Unit tWC Write Cycle Time 10 — 12 — 15 — ns tSCE CE to Write End 8 — 8 — 10 — ns tAW Address Setup Time 8 — 8 — 10 — ns to Write End tHA Address Hold from Write End 0 — 0 — 0 — ns tSA Address Setup Time 0 — 0 — 0 — ns tPWB LB, UB Valid to End of Write 8 — 9 — 10 — ns tPWE1 WE Pulse Width (OE = HIGH) 7 — 8 — 10 — ns tPWE2 WE Pulse Width (OE = LOW) 8 — 10 — 11 — ns tSD Data Setup to Write End 5 — 6 — 7 — ns tHD Data Hold from Write End 0 — 0 — 0 — ns tHZWE(3) WE LOW to High-Z Output — 4 — 5 — 6 ns tLZWE(3) WE HIGH to Low-Z Output 0 — 0 — 0 — ns Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write. 3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested. |
Similar Part No. - IS61LV12816-10T |
|
Similar Description - IS61LV12816-10T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |