Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6P23190HR6 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF6P23190HR6
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P23190HR6 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF6P23190HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P23190HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MRF6P23190HR6
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET
Designed for CDMA base station applications with frequencies from 2300 to
2400 MHz. Suitable for WiMAX, WiBro and multicarrier amplifier applications.
To be used in Class AB and Class C for WLL applications.
• Typical 2-Carrier W-CDMA Performance: VDD = 28 Volts, IDQ = 1900 mA,
Pout = 40 Watts Avg., Full Frequency Band, Channel Bandwidth =
3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain — 14 dB
Drain Efficiency — 23.5%
IM3 @ 10 MHz Offset — -37.5 dBc in 3.84 MHz Channel Bandwidth
ACPR @ 5 MHz Offset — -41 dBc in 3.84 MHz Channel Bandwidth
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 2340 MHz, 190 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Qualified Up to a Maximum of 32 VDD Operation
• Integrated ESD Protection
• Designed for Lower Memory Effects and Wide Instantaneous Bandwidth
Applications
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +68
Vdc
Gate-Source Voltage
VGS
-0.5, +12
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
CW Operation @ TC = 25°C
Derate above 25°C
CW
250
1.3
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 100°C, 160 W CW
Case Temperature 83°C, 40 W CW
RθJC
0.22
0.24
°C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access
the MTTF calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF6P23190H
Rev. 2, 3/2007
Freescale Semiconductor
Technical Data
MRF6P23190HR6
2300 -2400 MHz, 40 W AVG., 28 V
2 x W-CDMA
LATERAL N-CHANNEL
RF POWER MOSFET
CASE 375D-05, STYLE 1
NI-1230
© Freescale Semiconductor, Inc., 2007. All rights reserved.


Similar Part No. - MRF6P23190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P23190H FREESCALE-MRF6P23190H_08 Datasheet
437Kb / 11P
   RF Power Field Effect Transistor
More results

Similar Description - MRF6P23190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com