Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1616AL-G-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1616AL-G-T92-B
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1616AL-G-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1616AL-G-T92-B Datasheet HTML 1Page - Unisonic Technologies 2SD1616AL-G-T92-B Datasheet HTML 2Page - Unisonic Technologies 2SD1616AL-G-T92-B Datasheet HTML 3Page - Unisonic Technologies 2SD1616AL-G-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1616/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-008,C
TYPICAL CHARACTERISTICS
Collector Output Capacitance
Collector-Base Voltage, VCB (V)
1000
500
300
100
50
30
10
5
3
1
3
5
10
30 50
100
300
IE=0
f=1.0MHz
Current Gain-Bandwidth Product
Collector Current, IC (A)
1000
500
300
100
50
30
10
5
3
10
5
3
1
0.3
0.1
0.03
0.01
1
VCE=2V
Static Characteristic
Collector-Emitter Voltage , VCE (V)
2
0
60
80
100
IB=50μA
40
20
46
8
10
IB=100μA
IB=150μA
IB=200μA
IB=250μA
IB=300μA
Static Characteristic
Collector-Emitter Voltage, VCE (V)
0.2
0
0.6
0.8
10
IB=0.5mA
0.4
0.2
10
IB=1.0mA
IB=1.5mA
IB=2.0mA
IB=2.5mA
IB=3.0mA
IB=3.5mA
IB=5.0mA
0.4
0.6
0.8
Switching Time
Collector Current, IC (A)
0.3
0.1
1
0.5
0.3
0.1
0.01
0.003
0.01
VCC=10V
IC=10×IB1= -10×IB2
0.05
0.03
0.001
0.03
0.05
0.5
1
3
5
10
tON
tF
tSTG


Similar Part No. - 2SD1616AL-G-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616AL-X-AB3-R UTC-2SD1616AL-X-AB3-R Datasheet
184Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
2SD1616AL-X-G03-K UTC-2SD1616AL-X-G03-K Datasheet
184Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
2SD1616AL-X-T92-B UTC-2SD1616AL-X-T92-B Datasheet
184Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
2SD1616AL-X-T92-K UTC-2SD1616AL-X-T92-K Datasheet
184Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
2SD1616AL-X-T9S-K UTC-2SD1616AL-X-T9S-K Datasheet
184Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SD1616AL-G-T92-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com