Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC157DTR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC157DTR2
Description  Quad 2--Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC157DTR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC157DTR2 Datasheet HTML 1Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 2Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 3Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 4Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 5Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 6Page - ON Semiconductor MC74VHC157DTR2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHC157
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5toVCC +7.0
V
VO
DC Output Voltage
−0.5toVCC +7.0
V
IIK
DC Input Diode Current
VI < GND
−20
mA
IOK
DC Output Diode Current
VO < GND
±20
mA
IO
DC Output Sink Current
±25
mA
ICC
DC Supply Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
_
C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_
C
TJ
Junction Temperature under Bias
+150
_
C
θJA
Thermal Resistance
250
_
C/W
PD
Power Dissipation in Still Air at 85_C
250
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% -- 35%
UL--94--VO (0.125 in)
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
>2000
>200
N/A
V
ILatch--Up
Latch--Up Performance
Above VCC and Below GND at 85_C(Note 5)
±500
mA
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Extended exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum--rated
conditions is not implied.
2. Tested to EIA/JESD22--A114--A.
3. Tested to EIA/JESD22--A115--A.
4. Tested to JESD22--C101--A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
(Note 6)
0
5.5
V
VOUT
DC Output Voltage
0
VCC
V
TA
Operating Temperature Range, all Package Types
−55
125
_
C
tr,tf
Input Rise or Fall Time
VCC =3.3 V ± 0.3 V
VCC =5.0 V ± 0.5 V
0
0
100
20
ns/V
6. Unused inputs may not be left open. All inputs must be tied to a high--logic voltage level or a low--logic input voltage level.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature _C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 4. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Similar Part No. - MC74VHC157DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC157DTR2G ONSEMI-MC74VHC157DTR2G Datasheet
127Kb / 7P
   Quad 2-Channel Multiplexer
May, 2011 ??Rev. 6
More results

Similar Description - MC74VHC157DTR2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com