Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8144L-AE3-D-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 8144L-AE3-D-B
Description  POWER RESET IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8144L-AE3-D-B Datasheet(HTML) 1 Page - Unisonic Technologies

  8144L-AE3-D-B Datasheet HTML 1Page - Unisonic Technologies 8144L-AE3-D-B Datasheet HTML 2Page - Unisonic Technologies 8144L-AE3-D-B Datasheet HTML 3Page - Unisonic Technologies 8144L-AE3-D-B Datasheet HTML 4Page - Unisonic Technologies 8144L-AE3-D-B Datasheet HTML 5Page - Unisonic Technologies 8144L-AE3-D-B Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
81XX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R119-001,J
POWER RESET IC
DESCRIPTION
The function of UTC 81XX is to accurately reset system after
detecting the supply voltage at the time of switching power on and
instantaneous power off in various CPU and other logic systems.
Further, this IC, with its super low consumption current and high
precision voltage detection capacity, is most suited as a voltage
check circuit for a number of products which use batteries.
FEATURES
*High precision voltage detection. (VSS±3% max)
*low current consumption.
(ICCH=15µA typ. ICCL=10µA typ.)
*Low operating threshold voltage (0.65V typ.)
*Hystresis voltage is provided as a detect voltage.
(50mV typ.)
*Large output current at the time ON (15mA typ.)
*The detect voltage can be selected at your discretion at 0.1V step
within the range of 1.9V to 4.6V by the following stipulation method.
TO-92
1
SOT-25
SOT-23
1
SOT-89
1
2
3
4
5
3
2
1
*Pb-free plating product number: 81XX L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
4
5
Packing
81XX-AB3-D-R
81XXL-AB3-D-R
SOT-89
I
G
O
-
-
Tape Reel
81XX-AE3-2-R
81XXL-AE3-2-R
SOT-23
I
O
G
-
-
Tape Reel
81XX-AE3-3-R
81XXL-AE3-3-R
SOT-23
O
G
I
-
-
Tape Reel
81XX-AE3-5-R
81XXL-AE3-5-R
SOT-23
G
O
I
-
-
Tape Reel
81XX-AF5-A-R
81XXL-AF5-A-R
SOT-25
NC NC
G
O
I
Tape Reel
81XX-AF5-B-R
81XXL-AF5-B-R
SOT-25
O
I
G
NC
NC
Tape Reel
81XX-T92-D-B
81XXL-T92-D-B
TO-92
I
G
O
-
-
Tape Box
81XX-T92-D-K
81XXL-T92-D-K
TO-92
I
G
O
-
-
Bulk
81XX-T92-E-B
81XXL-T92-E-B
TO-92
O
I
G
-
-
Tape Box
81XX-T92-E-K
81XXL-T92-E-K
TO-92
O
I
G
-
-
Bulk
Note: Pin Assignment:
I: VCC
O: VOUT G: GND
XX: detected voltage value
81XXL-AB3-D-R
(1)Packing Type
(3)Package Type
(4)Lead Plating
(2)Pin Assignment
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) refer to Pin Assignment
(3) AB3: SOT-89, AF5: SOT-25, AE3: SOT-23,
T 92: TO-92
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 8144L-AE3-D-B

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8144 BITECH-8144 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
logo
Heyco.
8144 HEYCO-8144 Datasheet
187Kb / 1P
   Ring and Spade Terminals
More results

Similar Description - 8144L-AE3-D-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
81XX UTC-81XX_10 Datasheet
198Kb / 6P
   POWER RESET IC
81XX UTC-81XX_12 Datasheet
237Kb / 6P
   POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Global Mixed-mode Techn...
G678 GMT-G678 Datasheet
76Kb / 1P
   Micro-Power Reset IC
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com