Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1664 Datasheet(PDF) 2 Page - Rohm

Part # 2SD1664
Description  Medium Power Transistor (32V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1664 Datasheet(HTML) 2 Page - Rohm

  2SD1664_1 Datasheet HTML 1Page - Rohm 2SD1664_1 Datasheet HTML 2Page - Rohm 2SD1664_1 Datasheet HTML 3Page - Rohm 2SD1664_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
250
Transistors
2SD1664 / 2SD1858
FElectrical characteristics (Ta = 25_C)
FPackaging specifications and hFE
hFE values are classified as follows :
FElectrical characteristic curves


Similar Part No. - 2SD1664_1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Rohm
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664_15 Datasheet
1Mb / 3P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
2SD1664 SECOS-2SD1664_15 Datasheet
123Kb / 3P
   General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD1664 WINNERJOIN-2SD1664_15 Datasheet
126Kb / 1P
   NPN TRANSISTOR
More results

Similar Description - 2SD1664_1

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
   Medium Power Transistor (-32V, -1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
   Medium Power Transistor (-32V,-1A)
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
   Medium Power Transistor (-32V,??1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
   Medium Power Transistor (32V, 1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
   Medium Power Transistor(32V,1A)
logo
Rohm
2SD1858 ROHM-2SD1858 Datasheet
144Kb / 4P
   Medium Power Transistor (32V, 1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com