Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60L-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N60L-TM3-T
Description  1.2 Amps, 600 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60L-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  1N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 7Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-052,D
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
1.2
A
TC = 25℃
1.2
Continuous Drain Current
TC = 100℃
ID
0.76
A
Drain Current-Pulsed (Note 2)
IDP
4.8
A
Repetitive(Note 2)
EAR
4.0
mJ
Avalanche Energy
Single Pulse(Note 3)
EAS
50
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TC=25℃
40
W
Total Power Dissipation
Derate above 25°C
PD
0.32
W/℃
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note:1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
3. L=64mH, IAS=1.2A, VDD=50V, RG=25Ω, Starting TJ =25°C
4. ISD≤1.2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ =25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-251
112
TO-252
112
Thermal Resistance Junction-Ambient
TO-220
θJA
54
TO-251
12
TO-252
12
Thermal Resistance Junction-Case
TO-220
θJc
4
/W
ELECTRICAL CHARACTERISTICS (TC=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS VGS = 0V, ID = 250Μa
600
V
VDS = 600V, VGS = 0V
10
Μa
Zero Gate Voltage Drain Current
IDSS
VDS = 480V, TC = 125℃
100
Μa
Forward
VGS = 30V, VDS = 0V
100
Na
Gate-Body Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
Breakdown Voltage Temperature
Coefficient
BVDSS/
T
J
ID = 250Μa
0.4
V/℃
On Characteristics
Gate Threshold Voltage
VGS(TH) VDS = VGS, ID = 250Μa
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON) VGS = 10V, ID = 0.6A
9.3
11.5
Forward Transconductance
gFS
VDS = 50V, ID = 0.6A (Note 1)
0.9
S
Dynamic Characteristics
Input Capacitance
CISS
120
150
Pf
Output Capacitance
COSS
20
25
Pf
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
3.0
4.0
Pf


Similar Part No. - 1N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
361Kb / 7P
   N-CHANNEL POWER MOSFET
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
267Kb / 7P
   N-CHANNEL ENHANCEMENT
logo
ARTSCHIP ELECTRONICS CO...
1N60L-TM3-T ARTSCHIP-1N60L-TM3-T Datasheet
395Kb / 8P
   N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
1N60L-TM3-T VBSEMI-1N60L-TM3-T Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 1N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com