Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N60
Description  1.2 Amps, 600 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60 Datasheet(HTML) 3 Page - Unisonic Technologies

  1N60 Datasheet HTML 1Page - Unisonic Technologies 1N60 Datasheet HTML 2Page - Unisonic Technologies 1N60 Datasheet HTML 3Page - Unisonic Technologies 1N60 Datasheet HTML 4Page - Unisonic Technologies 1N60 Datasheet HTML 5Page - Unisonic Technologies 1N60 Datasheet HTML 6Page - Unisonic Technologies 1N60 Datasheet HTML 7Page - Unisonic Technologies 1N60 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-052,D
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching Characteristics
Turn-On Delay Time
tD (ON)
5
20
ns
Rise Time
tR
25
60
ns
Turn-Off Delay Time
tD (OFF)
7
25
ns
Fall Time
tF
VDD=300V, ID=1.2A, RG=50Ω
(Note 1,2)
25
60
ns
Total Gate Charge
QG
5.0
6.0
nC
Gate-Source Charge
QGS
1.0
nC
Gate-Drain Charge
QGD
VDS=480V, VGS=10V, ID=1.2A
(Note 1,2)
2.6
nC
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
VSD
VGS=0V, ISD = 1.2A,
1.4
V
Continuous Drain-Source Current
ISD
1.2
A
Pulsed Drain-Source Current
ISM
4.8
A
Reverse Recovery Time
tRR
160
ns
Reverse Recovery Charge
QRR
VGS=0V, ISD = 1.2A
di/dt = 100A/µs (Note1)
0.3
µC
Note: 1. Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2%
2. Essentially Independent of Operating Temperature


Similar Part No. - 1N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
1N60 ZSELEC-1N60 Datasheet
434Kb / 6P
   N-CHANNEL MOSFET
logo
List of Unclassifed Man...
1N60 ETC1-1N60 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
Tiger Electronic Co.,Lt...
1N60 TGS-1N60 Datasheet
127Kb / 1P
   600V N-Channel MOSFET
More results

Similar Description - 1N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com