Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULQ2004A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ULQ2004A-Q1
Description  HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULQ2004A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  ULQ2004A-Q1 Datasheet HTML 1Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 2Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 3Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 4Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 5Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 6Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 7Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 8Page - Texas Instruments ULQ2004A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ULQ2003AQ1, ULQ2004AQ1,
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SGLS148B − DECEMBER 2002 − REVISED JUNE 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA = 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
TA = 125°C
PACKAGE
TA = 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85 C
POWER RATING
TA = 105 C
POWER RATING
TA = 125 C
POWER RATING
D
950 mW
7.6 mW/
°C
494 mW
342 mW
190 mW
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003AT
ULQ2003AQ
ULQ2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.7
2.7
6
VI(on)
On-state input voltage,
VCE = 2 V
IC = 250 mA
2.9
2.9
V
VI(on)
On-state input voltage,
See Figure 6
VCE = 2 V
IC = 275 mA
7
V
See Figure 6
IC = 300 mA
3
3
IC = 350 mA
8
Collector-emitter
II = 250 µA,
IC = 100 mA
0.9
1.2
1
1.3
0.9
1.1
VCE(sat)
Collector-emitter
saturation voltage, See
Figure 5
II = 350 µA,
IC = 200 mA
1
1.4
1
1.5
1
1.3
V
VCE(sat) saturation voltage, See
Figure 5
II = 500 µA,
IC = 350 mA
1.2
1.7
1.2
1.8
1.2
1.6
V
ICEX
Collector cutoff current
VCE = 50 V, II = 0,
See Figure 1
100
110
50
A
ICEX
Collector cutoff current
VCE = 50 V,
II = 0
100
µA
VCE = 50 V,
See Figure 2
VI = 1 V
500
VF
Clamp forward voltage,
See Figure 8
IF = 350 mA
1.7
2.2
1.7
2.2
1.7
2.1
V
II(off)
Off-state input current,
VCE = 50 V,
IC = 500 A
30
65
30
65
50
65
A
II(off)
Off-state input current,
See Figure 3
VCE = 50 V,
IC = 500 µA30
65
30
65
50
65
µA
Input current, see
VI = 3.85 V
0.93
1.35
0.93
1.35
II
Input current, see
Figure 4
VI = 5 V
0.35
0.5
mA
II
Figure 4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current,
VR = 50 V,
TA = 25°C
100
100
50
A
IR
Clamp reverse current,
See Figure 7
VR = 50 V
100
100
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
15
25
pF
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A, ULQ2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
See Figure 9
1
10
µs
tPHL
Propagation delay time, high-to-low level output
See Figure 9
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS − 500
mV


Similar Part No. - ULQ2004A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2004A-Q1 TI1-ULQ2004A-Q1 Datasheet
917Kb / 17P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULQ2004A-Q1 TI1-ULQ2004A-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2004A-Q1 TI1-ULQ2004A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

Similar Description - ULQ2004A-Q1

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com