Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75240PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75240PW
Description  USB PORT TRANSIENT SUPPRESSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75240PW Datasheet(HTML) 4 Page - Texas Instruments

  SN75240PW Datasheet HTML 1Page - Texas Instruments SN75240PW Datasheet HTML 2Page - Texas Instruments SN75240PW Datasheet HTML 3Page - Texas Instruments SN75240PW Datasheet HTML 4Page - Texas Instruments SN75240PW Datasheet HTML 5Page - Texas Instruments SN75240PW Datasheet HTML 6Page - Texas Instruments SN75240PW Datasheet HTML 7Page - Texas Instruments SN75240PW Datasheet HTML 8Page - Texas Instruments SN75240PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN65220DBVR
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65220DBVRG4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65220DBVT
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65220DBVTG4
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65220YZBR
ACTIVE
DSBGA
YZB
4
3000 Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
SN65220YZBT
ACTIVE
DSBGA
YZB
4
250
Green (RoHS &
no Sb/Br)
Call TI
Level-1-260C-UNLIM
SN65240P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN65240PE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN65240PW
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65240PWG4
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65240PWR
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65240PWRG4
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75240P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN75240PE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN75240PW
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75240PWG4
ACTIVE
TSSOP
PW
8
150
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75240PWLE
OBSOLETE
TSSOP
PW
8
TBD
Call TI
Call TI
SN75240PWR
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN75240PWRG4
ACTIVE
TSSOP
PW
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Similar Part No. - SN75240PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75240PW TI-SN75240PW Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240PW TI-SN75240PW Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
SN75240PWG4 TI-SN75240PWG4 Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
SN75240PWLE TI-SN75240PWLE Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240PWLE TI-SN75240PWLE Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
More results

Similar Description - SN75240PW

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220 TI-SN65220_07 Datasheet
415Kb / 12P
[Old version datasheet]   USB PORT TRANSIENT SUPPERSSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027_15 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
ST5KA5.0 SSDI-ST5KA5.0 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461 Datasheet
63Kb / 2P
   TRANSIENT SUPPRESSORS
logo
Digitron Semiconductors
1N6461 DIGITRON-1N6461 Datasheet
193Kb / 3P
   TRANSIENT SUPPRESSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027 Datasheet
318Kb / 2P
   TRANSIENT SUPPRESSORS
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com