Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C188 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75C188
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C188 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C188_06 Datasheet HTML 3Page - Texas Instruments SN75C188_06 Datasheet HTML 4Page - Texas Instruments SN75C188_06 Datasheet HTML 5Page - Texas Instruments SN75C188_06 Datasheet HTML 6Page - Texas Instruments SN75C188_06 Datasheet HTML 7Page - Texas Instruments SN75C188_06 Datasheet HTML 8Page - Texas Instruments SN75C188_06 Datasheet HTML 9Page - Texas Instruments SN75C188_06 Datasheet HTML 10Page - Texas Instruments SN75C188_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN75C188
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS033F – JANUARY 1988 – REVISED MARCH 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
TA – Free-Air Temperature – °C
120
120
–40
0
20
40
60
80
100
–20
0
20
40
60
80
100
IIH, VI = 5 V
INPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ± 12 V
IIL, VI = 0
Figure 7
500
300
350
400
450
100
80
60
40
20
0
120
TA – Free-Air Temperature – °C
POWER-OFF OUTPUT RESISTANCE
vs
FREE-AIR TEMPERATURE
475
425
375
325
VO = – 2 V
VO = 2 V
VCC + = VCC – = 0
Figure 8
120
– 120
–80
–40
0
40
80
RL =
VI = 0.8 V or 2 V
ICC +
ICC –
100
80
60
40
20
0
120
TA – Free-Air Temperature – °C
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ± 12 V
VCC
± = ± 5 V
VCC
± = ± 5 V
VCC
± = ± 12 V
Figure 9
30
0
10
20
100
80
60
40
20
0
120
TA – Free-Air Temperature – °C
RL = 3 kΩ
RL = 7 kΩ
RL = 3 kΩ
Slew Rate
OUTPUT SLEW RATE
vs
FREE-AIR TEMPERATURE
Positive Transition
25
15
5
Slew Rate
Negative
Transition
RL = 7 kΩ
VCC
± = ± 12 V
CL = 15 pF


Similar Part No. - SN75C188_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188D TI-SN75C188D Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188DB TI-SN75C188DB Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188N TI-SN75C188N Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C188_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com