Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND256R3M0AZB5E Datasheet(PDF) 11 Page - STMicroelectronics

Part # NAND256R3M0AZB5E
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3M0AZB5E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button NAND256R3M0AZB5E Datasheet HTML 7Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 8Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 9Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 10Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 11Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 12Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 13Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 14Page - STMicroelectronics NAND256R3M0AZB5E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
11/23
Figure 3.
Logic Diagram: NAND Flash & DDR LPSDRAM
Ai11023b
13
A0-A12
DQ0-DQ15
K
KE
WD
VDDQD
ED
CAS
DQM1
DQM0
VDDF
WF
I/O0-I/O15
VDDD
NAND256-M
NAND512-M
NAND01G-M
EF
VSSD
WP
AL
CL
RB
R
RAS
2
BA0-BA1
K
UDQS-LDQS
16
VSSQD
VSSF


Similar Part No. - NAND256R3M0AZB5E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256R3A STMICROELECTRONICS-NAND256R3A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256R3A0AN1 STMICROELECTRONICS-NAND256R3A0AN1 Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256R3A0AN1E STMICROELECTRONICS-NAND256R3A0AN1E Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256R3A0AN1F STMICROELECTRONICS-NAND256R3A0AN1F Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256R3A0AN1T STMICROELECTRONICS-NAND256R3A0AN1T Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results

Similar Description - NAND256R3M0AZB5E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
logo
SPANSION
S30MS-P SPANSION-S30MS-P Datasheet
944Kb / 41P
   1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com