Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND256W3M4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # NAND256W3M4
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256W3M4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button NAND256W3M4 Datasheet HTML 6Page - STMicroelectronics NAND256W3M4 Datasheet HTML 7Page - STMicroelectronics NAND256W3M4 Datasheet HTML 8Page - STMicroelectronics NAND256W3M4 Datasheet HTML 9Page - STMicroelectronics NAND256W3M4 Datasheet HTML 10Page - STMicroelectronics NAND256W3M4 Datasheet HTML 11Page - STMicroelectronics NAND256W3M4 Datasheet HTML 12Page - STMicroelectronics NAND256W3M4 Datasheet HTML 13Page - STMicroelectronics NAND256W3M4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Summary description
NAND256-M, NAND512-M, NAND01G-M
10/23
Table 3.
Signal Names: NAND Flash & 2 x SDR LPSDRAMs
NAND Flash
I/O0-I/O7
Data Inputs/Outputs
AL
Address Latch Enable
CL
Command Latch Enable
EF
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
WF
Write Enable
WP
Write Protect
VDDF
Supply Voltage
VSSF
Ground
SDR LPSDRAM
A0-A12
Row Address: RA0-RA11
Column Address: CA0-CA8
Auto-precharge flag: A10
BA0-BA1
Bank Address
DQ0-DQ15
Data Inputs/Outputs for x16 devices SDR0
DQ16-DQ31
Data Inputs/Outputs for x16 devices SDR1
KClock Input
KE
Clock Enable Input
E0D
Chip Select input for SDR0
E1D
Chip Select input for SDR1
WD
Write Enable Input
RAS
Row Address Strobe Input
CAS
Column Address Strobe Input
DQM0
Lower DQ Mask Enable Output for SDR0
DQM1
Upper DQ Mask Enable Output for SDR0
DQM2
Lower DQ Mask Enable Output for SDR1
DQM3
Upper DQ Mask Enable Output for SDR1
VDDD
Supply Voltage
VDDQD
Input/Output Supply Voltage
VSSD
Ground
VSSQD
Input/Output Ground
NC
Not Connected Internally


Similar Part No. - NAND256W3M4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256W3A STMICROELECTRONICS-NAND256W3A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256W3A0AN1 STMICROELECTRONICS-NAND256W3A0AN1 Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256W3A0AN1E STMICROELECTRONICS-NAND256W3A0AN1E Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256W3A0AN1F STMICROELECTRONICS-NAND256W3A0AN1F Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND256W3A0AN1T STMICROELECTRONICS-NAND256W3A0AN1T Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results

Similar Description - NAND256W3M4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
STMicroelectronics
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
logo
SPANSION
S30MS-P SPANSION-S30MS-P Datasheet
944Kb / 41P
   1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com