Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65KA128AL Datasheet(PDF) 8 Page - STMicroelectronics

Part # M65KA128AL
Description  128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA128AL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M65KA128AL Datasheet HTML 4Page - STMicroelectronics M65KA128AL Datasheet HTML 5Page - STMicroelectronics M65KA128AL Datasheet HTML 6Page - STMicroelectronics M65KA128AL Datasheet HTML 7Page - STMicroelectronics M65KA128AL Datasheet HTML 8Page - STMicroelectronics M65KA128AL Datasheet HTML 9Page - STMicroelectronics M65KA128AL Datasheet HTML 10Page - STMicroelectronics M65KA128AL Datasheet HTML 11Page - STMicroelectronics M65KA128AL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Summary description
M65KA128AL
8/53
Figure 2.
Functional Block Diagram
Extended
Mode
Register
PASR
Self Refresh
Logic & Timer
Internal Row
Counter
Row
Pre-
Decoders
K
KE
E
RAS
CAS
W
UDQM
Refresh
Column
Active
Bank Select
Address
Registers
2 M x 16 Bank 3
2 M x 16 Bank 2
2 M x 16 Bank 1
2 M x 16 Bank 0
Memory
Cell
Array
Column Decoders
DQ0
DQ15
Column
Pre-
Decoders
Column Add
Counter
Mode
Register
CAS Latency
Data Out
Control
Burst
Counter
ai08974d
Row Active
A0-A11/BA0-BA1
LDQM


Similar Part No. - M65KA128AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M65KA512AB STMICROELECTRONICS-M65KA512AB Datasheet
502Kb / 55P
   512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
M65KA512AB8W3 STMICROELECTRONICS-M65KA512AB8W3 Datasheet
502Kb / 55P
   512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
More results

Similar Description - M65KA128AL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com