Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2904W Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM2904W
Description  Low power dual operational amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics LM2904W Datasheet HTML 10Page - STMicroelectronics LM2904W Datasheet HTML 11Page - STMicroelectronics LM2904W Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
LM2904W
8/19
Figure 2.
Open loop frequency response
Figure 3.
Large signal frequency response
OPEN LOOP FREQUENCY RESPONSE (NOTE 3)
1.0
10
100
1k
10k
100k
1M
10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M
Ω
VI
VCC/2
VCC = 30V &
0.1
μF
VCC V
O
-
+
-55°C
Tamb
+125°C
140
120
100
80
60
40
20
0
-55°C
Tamb
+125°C
LARGE SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k
Ω
1k
Ω
100k
Ω
+15V
VO
-
+
VI
20
15
10
5
0
Figure 4.
Voltage follower pulse response
Figure 5.
Output characteristics
VOLAGE FOLLOWER PULSE RESPONSE
010
20
30
40
TIME (
μs)
RL
2 k
Ω
VCC = +15V
4
3
2
1
0
3
2
1
OUTPUT CHARACTERISTICS
OUTPUT SINK CURRENT (
μ A)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb =+25°C
vcc/2
vcc
+
10
1
0.1
0.01
Figure 6.
Voltage follower pulse response
Figure 7.
Output characteristics
VOLTAGE FOLLOWER PULSSE RESPONSE
(SMALL SIGNAL)
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (ms)
500
450
400
350
300
250
OUTPUT CHARACTERISTICS
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1


Similar Part No. - LM2904W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904W STMICROELECTRONICS-LM2904W Datasheet
171Kb / 10P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM2904W STMICROELECTRONICS-LM2904W Datasheet
332Kb / 19P
   Low power dual operational amplifier
LM2904W STMICROELECTRONICS-LM2904W Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
LM2904WD STMICROELECTRONICS-LM2904WD Datasheet
332Kb / 19P
   Low power dual operational amplifier
logo
Rohm
LM2904WDR ROHM-LM2904WDR Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Similar Description - LM2904W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com