Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9549XCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD9549XCPZ Datasheet HTML 1Page - Analog Devices AD9549XCPZ Datasheet HTML 2Page - Analog Devices AD9549XCPZ Datasheet HTML 3Page - Analog Devices AD9549XCPZ Datasheet HTML 4Page - Analog Devices AD9549XCPZ Datasheet HTML 5Page - Analog Devices AD9549XCPZ Datasheet HTML 6Page - Analog Devices AD9549XCPZ Datasheet HTML 7Page - Analog Devices AD9549XCPZ Datasheet HTML 8Page - Analog Devices AD9549XCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 2 of 78
SAMPLE APPLICATION CIRCUIT
Figure 2: AD9549 + AD9514 Precision Clock Distribution Circuit
Features:
Input Frequencies Down to 8 kHz. Output Frequencies Up to 400 MHz.
Programmable Loop Bandwidth Down to < 1 Hz
Automatic Redundant Clock Switchover with User Selectable Rate of Phase Adjustment.
Automatic Stratum 2/3/3E Clock Holdover, Depending on Configuration.
Phase Noise (Fc=122.3 MHz & 100 Hz loop BW): 100 Hz offset: -107 dBc/Hz. 1 KHz offset: -142 dBc/Hz. 100 kHz offset: -157 dBc/Hz.
Two Zero-delay Outputs with Programmable Post-Divider and Synchronization.
Two Additional Outputs (non-zero delay) on AD9549.
Programmable Skew Adjustment on One AD9514 Output.


Similar Part No. - AD9549XCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ-REEL7 AD-AD9549ABCPZ-REEL7 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549APCBZ AD-AD9549APCBZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
More results

Similar Description - AD9549XCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9547 AD-AD9547 Datasheet
1Mb / 104P
   Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
   Dual/Quad Input Network Clock Generator/Synchronizer
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
   Quad/Octal Input Network Clock Generator/Synchronizer
AD9548 AD-AD9548 Datasheet
1Mb / 112P
   Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
   Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
logo
Raltron Electronics Cor...
SY02-HP2O RALTRON-SY02-HP2O Datasheet
170Kb / 5P
   LOW INPUT/ HIGH DUAL OUTPUT FREQUENCY CLOCK/SYNCHRONIZER
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com