Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2290A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2290A
Description  2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2290A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2290A Datasheet HTML 1Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 2Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SC2290A
Fig. Pi TEST CIRCUIT
CAUTION
These are only typical curves and devices are not necessarily guaranteed at these curves.
3
2005-03-09


Similar Part No. - 2SC2290A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2290A TOSHIBA-2SC2290A Datasheet
192Kb / 4P
   SILICON NPN EPITAXIAL PLANAR TYPE
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
   SILICON NPN EPITAXIAL PLANAR TYPE
More results

Similar Description - 2SC2290A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2395 TOSHIBA-2SC2395 Datasheet
140Kb / 2P
   TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2879 TOSHIBA-2SC2879 Datasheet
134Kb / 2P
   TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2290 TOSHIBA-2SC2290 Datasheet
140Kb / 2P
   TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS)(LOW SUPPLY VOLTAGE USE)
2SC2099 TOSHIBA-2SC2099 Datasheet
142Kb / 2P
   TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS) (LOW SUPPLY VOLTAGE USE)
2SC2531 TOSHIBA-2SC2531 Datasheet
141Kb / 2P
   2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)
2SC2510 TOSHIBA-2SC2510 Datasheet
137Kb / 2P
   TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (28v SUPPLY VOLTAGE USE)
2SC2879A TOSHIBA-2SC2879A Datasheet
189Kb / 4P
   SILICON NPN EPITAXIAL PLANAR TYPE 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
2SC1764 TOSHIBA-2SC1764 Datasheet
63Kb / 2P
   2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
2SC1763 TOSHIBA-2SC1763 Datasheet
60Kb / 2P
   2~30MHz SSB LINEAR PWER AMPLIFIER APPLICATIONS.
logo
New Jersey Semi-Conduct...
MRF406 NJSEMI-MRF406 Datasheet
84Kb / 1P
   12.5V 30MHz Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com