Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1GT00 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC1GT00
Description  Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1GT00 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC1GT00 Datasheet HTML 1Page - ON Semiconductor MC74VHC1GT00 Datasheet HTML 2Page - ON Semiconductor MC74VHC1GT00 Datasheet HTML 3Page - ON Semiconductor MC74VHC1GT00 Datasheet HTML 4Page - ON Semiconductor MC74VHC1GT00 Datasheet HTML 5Page - ON Semiconductor MC74VHC1GT00 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC1GT00
http://onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A, SOT−353, SC−70
CASE 419A−02
ISSUE J
mm
inches
SCALE 20:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748


Similar Part No. - MC74VHC1GT00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
More results

Similar Description - MC74VHC1GT00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHCT86A ONSEMI-MC74VHCT86A Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com