Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2712-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2712-X-AE3-R
Description  AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2712-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2712-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC2712-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC2712-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC2712-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2712
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-029.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
+125
Storage Temperature
TSTG
-55 ~ +125
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
0.1
µA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
0.1
µA
DC Current Gain
hFE
VCE=6V, IC=2mA
70
700
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100mA, IB=10mA
0.1
0.25
V
Transistor Frequency
fT
VCE=10V, IC=1mA
80
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.0
3.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
f=1kHz, Rg=10KΩ
1.0
10
dB
CLASSIFICATION OF hFE
RANK
O
Y
G
L
RANGE
70~140
120~240
200~400
350~700


Similar Part No. - 2SC2712-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2712-X-AE3-R UTC-2SC2712-X-AE3-R Datasheet
206Kb / 4P
   AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
More results

Similar Description - 2SC2712-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2712 UTC-2SC2712_09 Datasheet
206Kb / 4P
   AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
UTC2SC1815 UTC-UTC2SC1815 Datasheet
61Kb / 2P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_05 Datasheet
165Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
NEC
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Samsung semiconductor
KSC2785 SAMSUNG-KSC2785 Datasheet
79Kb / 2P
   NPN (AUDIO FREQUENCY AMPLIFIER)
KSC2002 SAMSUNG-KSC2002 Datasheet
109Kb / 3P
   NPN AUDIO FREQUENCY AMPLIFIER)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com