Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G66DTT1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74VHC1G66DTT1
Description  SPST (NO) Normally Open Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G66DTT1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74VHC1G66DTT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 9Page - ON Semiconductor MC74VHC1G66DTT1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC74VHC1G66, NLVHC1G66
http://onsemi.com
10
PACKAGE DIMENSIONS
UDFN6, 1.2x1.0, 0.4P
CASE 517AA−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
10X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L2
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.00 BSC
E
1.20 BSC
e
0.40 BSC
L
0.30
0.40
L2
0.40
0.50
MOUNTING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.22
6X
0.42
6X
1.07
0.40
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC74VHC1G66/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC74VHC1G66DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G66DTT1G ONSEMI-MC74VHC1G66DTT1G Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
More results

Similar Description - MC74VHC1G66DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Fairchild Semiconductor
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com