Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G66 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74VHC1G66
Description  SPST (NO) Normally Open Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G66 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74VHC1G66 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 9Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74VHC1G66, NLVHC1G66
http://onsemi.com
7
VCC
VOH
50%
50% VCC
XA
YA
tPHL
tPLH
Figure 14. Propagation Delay, Analog In to Analog Out Waveforms
Figure 15. Propagation Delay, ON/OFF Control
50% VCC
VOL
VCC
10%
50% VCC
Control
Analog Out
tPLZ
tPZL
50% VCC
50% VCC
tPHZ
tPZH
VOL
VOH
High
Impedance
High
Impedance
90%
tr
tf
90%
10%
ORDERING INFORMATION
Device
Package
Shipping
MC74VHC1G66DFT1
SC−88A
3000 / Tape & Reel
MC74VHC1G66DFT1G
SC−88A
(Pb−Free)
MC74VHC1G66DFT2
SC−88A
MC74VHC1G66DFT2G
SC−88A
(Pb−Free)
MC74VHC1G66DTT1
TSOP−5
MC74VHC1G66DTT1G
TSOP−5
(Pb−Free)
NLVHC1G66MUR2G
UDFN6
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74VHC1G66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 1
MC74VHC1G66 ONSEMI-MC74VHC1G66 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1G66DFT1 ONSEMI-MC74VHC1G66DFT1 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 1
MC74VHC1G66DFT1G ONSEMI-MC74VHC1G66DFT1G Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1G66DFT2G ONSEMI-MC74VHC1G66DFT2G Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
More results

Similar Description - MC74VHC1G66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Fairchild Semiconductor
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com