Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

875FU-272M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 875FU-272M
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

875FU-272M Datasheet(HTML) 1 Page - TOKO, Inc

  875FU-272M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting EL駆動用 面実装
づけ
固定インダクタ
Inductance Range:
0.47~6.8mH
SELECTION GUIDE FOR STANDARD COILS
DIMENSIONS/外形寸法図
FEATURES/特 長
D52FU
Recommended patterns
推奨パターン図
2.2 Max.
1.6
5.2 Max.
• Low profile (5.2mm Max. square, 2.2mm Max. height).
• Ideal for a variety EL lamp inverter inductor application.
• RoHS compliant.
小型薄形構造(5.2mm角Max.、高さ2.2mm Max.)
ELランプインバータ用に最適
• RoHS指令対応
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test freqency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to rise
by 40°C, whichever is smaller. (Reference ambient temperature
20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準とす
る。)
#875FU-471M
0.47
± 20
8.1
140
#875FU-561M
0.56
± 20
11.0
125
#875FU-681M
0.68
± 20
13.0
115
#875FU-821M
0.82
± 20
15.0
105
#875FU-102M
1.00
± 20
20.0
95
#875FU-122M
1.20
± 20
22.0
88
#875FU-152M
1.50
± 20
27.0
83
#875FU-182M
1.80
± 20
33.0
74
#875FU-222M
2.20
± 20
39.0
64
#875FU-272M
2.70
± 20
45.0
61
#875FU-332M
3.30
± 20
62.0
50
#875FU-392M
3.90
± 20
71.0
50
#875FU-472M
4.70
± 20
96.0
42
#875FU-562M
5.60
± 20
110.0
40
#875FU-682M
6.80
± 20
130.0
37
TYPE D52FU (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
(mH)
Tolerance
(%)
DC
Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(mA) Max.
2.8
1.7
2.1
0.8
2.1
1.7
(Unit: mm)
Resist Zone
(Unit: mm)


Similar Part No. - 875FU-272M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
875 LITTELFUSE-875 Datasheet
202Kb / 3P
   Axial Lead & Cartridge Fuses
logo
Keystone Electronics Co...
875 KEYSTONE-875 Datasheet
186Kb / 1P
   NYLON THRU-HOLE SPACER
REV. A
logo
Advanced Energy Industr...
875 ADVANCEDENERGY-875 Datasheet
278Kb / 2P
   Electrostatic voltage sensor designed for in-line monitoring of electrostatic charge build-up.
logo
Winchester Electronics ...
875-100-3 WINCHESTER-875-100-3 Datasheet
63Kb / 1P
   PLUG, SMA
875-13-18 WINCHESTER-875-13-18 Datasheet
56Kb / 1P
   PLUG, SMA
More results

Similar Description - 875FU-272M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com