Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A926AY-390M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A926AY-390M
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A926AY-390M Datasheet(HTML) 1 Page - TOKO, Inc

  A926AY-390M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
Inductance Range:
10~1200µH
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
FEATURES/特長
SELECTION GUIDE FOR STANDARD COILS
• Low profile (9.7×11.5mm Max. square and 3.5mm Max.
height).
• Suitable for large current.
• Ideal for CCFL driving inverter circuit applications.
• RoHS compliant.
• 薄形構造(9.7×11.5mm 角Max.、高さ3.5mm Max.)
大電流対応
各種機器の冷陰極管駆動回路用
RoHS指令対応
TYPE D10FS (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
#A926AY-100M
10
± 20
0.051
2.15
#A926AY-120M
12
± 20
0.059
2.00
#A926AY-150M
15
± 20
0.070
1.80
#A926AY-180M
18
± 20
0.082
1.65
#A926AY-220M
22
± 20
0.10
1.50
#A926AY-270M
27
± 20
0.13
1.35
#A926AY-330M
33
± 20
0.15
1.22
#A926AY-390M
39
± 20
0.18
1.14
#A926AY-470K
47
± 10
0.21
1.04
#A926AY-560K
56
± 10
0.25
0.94
#A926AY-680K
68
± 10
0.29
0.88
#A926AY-820K
82
± 10
0.34
0.78
#A926AY-101K
100
± 10
0.41
0.72
#A926AY-121K
120
± 10
0.48
0.66
#A926AY-151K
150
± 10
0.59
0.58
#A926AY-181K
180
± 10
0.70
0.53
#A926AY-221K
220
± 10
0.84
0.48
#A926AY-271K
270
± 10
1.05
0.42
#A926AY-331K
330
± 10
1.30
0.38
#A926AY-391K
390
± 10
1.50
0.35
#A926AY-471K
470
± 10
1.80
0.32
#A926AY-561K
560
± 10
2.20
0.29
#A926AY-681K
680
± 10
2.60
0.26
#A926AY-821K
820
± 10
3.20
0.23
#A926AY-102K
1000
± 10
3.90
0.21
#A926AY-122K
1200
± 10
4.60
0.19
Inductance(1)
L (µH)
Tolerance
(%)
DC Resistance(2)
(Ω) Max.
Rated
DC Current(3)
(A) Max.
(Unit: mm)
12.0
8.6
9.7 Max.
1.05
2.8
1.0
3.5 Max.
方向表示
Direction indication
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies)
or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest)
or equivalent.
(3) Maximum allowable DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by 40°C
whichever is smaller.(Reference ambient temperature: 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または同等品により測
定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品により測定す
る。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期値より10%減
少する直流電流値、または直流電流により、コイルの温度が40℃上昇の何れか小さ
い値です。(周囲温度20℃を基準とする。)
(Unit: mm)
D10FS


Similar Part No. - A926AY-390M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
   13.56MHz ISO15693 Reader Module
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
   13.56MHz ISO15693 Reader Module
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
   13.56MHz ISO-14443A Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
logo
Tyco Electronics
A92664-000 MACOM-A92664-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results

Similar Description - A926AY-390M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com