Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC36V3436 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V3436
Description  3.4 - 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V3436 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC36V3436 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V3436 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGFC36V3436
3.4 - 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET
DESCRIPTION
The MGFC36V3436 is an internally impedance-matched
GaAs power FET especially designed for use in 3.4 - 3.6
GHz band amplifiers. The hermetically sealed metal-ceramic
package guarantees high reliability.
FEATURES
Class A operation
Internally matched to 50(ohm) system
High output power
P1dB = 4W (TYP.) @ f=3.4 - 3.6 GHz
High power gain
GLP = 12 dB (TYP.) @ f=3.4 - 3.6GHz
High power added efficiency
P.A.E. = 32 % (TYP.) @ f=3.4 - 3.6GHz
Low distortion [item -51]
IM3=-45dBc(Typ.) @Po=25dBm S.C.L.
APPLICATION
item 01 : 3.4 - 3.6 GHz band power amplifier
item 51 : 3.4 - 3.6 GHz band digital ratio communication
QUALITY GRADE
IG
RECOMMENDED BIAS CONDITIONS
VDS = 10 (V)
ID = 1.2 (A)
RG=100 (ohm)
ABSOLUTE MAXIMUM RATINGS
(Ta=25deg.C)
< Keep safety first in your circuit designs! >
Mitsubishi Electric Corporation puts the maximum effort into
Symbol
Parameter
Ratings
Unit
making semiconductor products better and more reliable,
VGDO
Gate to drain voltage
-15
V
but there is always the possibility that trouble may occur
VGSO
Gate to source voltage
-15
V
with them. Trouble with semiconductors may lead to personal
ID
Drain current
3.75
A
injury, fire or property damage. Remember to give due
IGR
Reverse gate current
-10
mA
consideration to safety when making your circuit designs,
IGF
Forward gate current
21
mA
with appropriate measures such as (1)placement of
PT
Total power dissipation
*1
25
W
substitutive, auxiliary circuits, (2)use of non-flammable
Tch
Channel temperature
175
deg.C
material or (3)prevention against any malfunction or mishap.
Tstg
Storage temperature
-65 / +175
deg.C
*1 : Tc=25deg.C
ELECTRICAL CHARACTERISTICS
(Ta=25deg.C)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
IDSS
Saturated drain current
VDS = 3V , VGS = 0V
-
-
3.75
A
gm
Transconductance
VDS = 3V , ID = 1.1A
-
1
-
S
VGS(off)
Gate to source cut-off voltage
VDS = 3V , ID = 10mA
-
-
-4.5
V
P1dB
Output power at 1dB gain
compression
35
36
-
dBm
GLP
Linear power gain
VDS=10V, ID(RF off)=1.2A, f=3.4 - 3.6GHz
11
12
-
dB
ID
Drain current
-
1.1
1.8
A
P.A.E.
Power added efficiency
-32
-
%
IM3
3rd order IM distortion
*1
-42
-45
-
dBc
Rth(ch-c)
Thermal resistance
*2
delta Vf method
-
5
6
deg.C/W
*1 : item -51,2 tone test,Po=25dBm Single Carrier Level,f=3.6GHz,delta f=5MHz
*2 : Channel-case
18-Sep-'98
MITSUBISHI
ELECTRIC
12.0
21.0 +/-0.3
10.7
(1)
17.0 +/-0.2
4
.
5
+
/
-
0
.
4
0
.
2
GF-8
1
.
6
2
M
I
N
(2)
1
2
.
9
+
/
-
0
.
2
2
M
I
N
OUTLINE DRAWING
(1) GATE
(2) SOURCE (FLANGE)
(3) DRAIN
0
.
1
2
.
6
+
/
-
0
.
2
R-1.6
(3)
(2)
1
1
.
3
0.6 +/-0.15
Unit : millimeters


Similar Part No. - MGFC36V3436

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V3436 MITSUBISHI-MGFC36V3436 Datasheet
184Kb / 2P
   3.4 ~ 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V3436 MITSUBISHI-MGFC36V3436 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC36V3436 MITSUBISHI-MGFC36V3436_04 Datasheet
184Kb / 2P
   3.4 ~ 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V3436 MITSUBISHI-MGFC36V3436_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
More results

Similar Description - MGFC36V3436

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V3436 MITSUBISHI-MGFC36V3436_04 Datasheet
184Kb / 2P
   3.4 ~ 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC42V3436 MITSUBISHI-MGFC42V3436_04 Datasheet
192Kb / 2P
   3.4 - 3.6GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC39V3436 MITSUBISHI-MGFC39V3436_04 Datasheet
184Kb / 2P
   3.4 ~ 3.6GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A_04 Datasheet
220Kb / 3P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC39V3436 MITSUBISHI-MGFC39V3436 Datasheet
133Kb / 2P
   3.4 - 3.6GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC42V3436 MITSUBISHI-MGFC42V3436 Datasheet
142Kb / 2P
   3.4 - 3.6GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC45B3436B MITSUBISHI-MGFC45B3436B Datasheet
414Kb / 6P
   3.4 - 3.6GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFC44V3436 MITSUBISHI-MGFC44V3436 Datasheet
19Kb / 1P
   3.4-3.6GHz BAND 25W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A Datasheet
213Kb / 2P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC36V5258 MITSUBISHI-MGFC36V5258_04 Datasheet
893Kb / 3P
   5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com