Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1412L-TN3-C-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SB1412L-TN3-C-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1412L-TN3-C-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2SB1412L-TN3-C-R Datasheet HTML 1Page - Unisonic Technologies 2SB1412L-TN3-C-R Datasheet HTML 2Page - Unisonic Technologies 2SB1412L-TN3-C-R Datasheet HTML 3Page - Unisonic Technologies 2SB1412L-TN3-C-R Datasheet HTML 4Page - Unisonic Technologies 2SB1412L-TN3-C-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SB1412
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R209-021,A
TYPICAL CHARACTERISTICS(Cont.)
1000
-0.1
20
Emitter To Base Voltage : VEB(V)
Emitter Input Capacitance vs.Emitter-
Base Voltage
50
-0.2
-0.5
-2
-5
-1
100
200
-10
500
Ic=0A
Ta=25℃
f=1MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SB1412L-TN3-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1412L-X-TN3-R UTC-2SB1412L-X-TN3-R Datasheet
174Kb / 5P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2SB1412L-X-TN3-R UTC-2SB1412L-X-TN3-R Datasheet
192Kb / 5P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2SB1412L-X-TN3-T UTC-2SB1412L-X-TN3-T Datasheet
192Kb / 5P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - 2SB1412L-TN3-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5551 UTC-MMDT5551 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
   High-Voltage Switching Transistor
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com