Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4016BCN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4016BCN
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4016BCN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4016BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 8Page - Fairchild Semiconductor CD4016BCN Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: If the switch input is held at VDD, VIHC is the control input level that will cause the switch output to meet the standard “B” series VOH and IOH output
levels. If the analog switch input is connected to VSS, VIHC is the control input level — which allows the switch to sink standard “B” series |IOH|, HIGH level
current, and still maintain a VOL ≤ “B” series. These currents are shown in Table 1.
VDD Supply Voltage
−0.5V to +18V
VIN Input Voltage
−0.5V to V
DD + 0.5V
TS Storage Temperature Range
−65°C to + 150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering, 10 seconds)
260
°C
VDD Supply Voltage
3V to 15V
VIN Input Voltage
0V to VDD
TA Operating Temperature Range
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
0.25
0.01
0.25
7.5
µA
Current
VDD = 10V, VIN = VDD or VSS
0.5
0.01
0.5
15
µA
VDD = 15V, VIN = VDD or VSS
1.0
0.01
1.0
30
µA
Signal Inputs and Outputs
RON
“ON” Resistance
RL = 10kΩ to (VDD − VSS)/2
VC = VDD, VIS = VSS or VDD
VDD = 10V
600
250
660
960
VDD = 15V
360
200
400
600
RL = 10kΩ to (VDD − VSS)/2
VC = VDD
VDD = 10V, VIS = 4.75 to 5.25V
1870
850
2000
2600
VDD = 15V, VIS = 7.25 to 7.75V
775
400
850
1230
∆R
ON
∆“ON” Resistance
RL = 10kΩ to (VDD − VSS)/2
Between any 2 of
VC = VDD, VIS = VSS to VDD
4 Switches
VDD = 10V
15
(In Same Package)
VDD = 15V
10
IIS
Input or Output
VC = 0, VDD = 15V
±50
±0.1
±50
±500
nA
Leakage
VIS = 0V or 15V,
Switch “OFF”
VOS = 15V or 0V
Control Inputs
VILC
LOW Level Input
VIS = VSS and VDD
Voltage
VOS = VDD and VSS
IIS = ±10 µA
VDD = 5V
0.9
0.7
0.5
V
VDD = 10V
0.9
0.7
0.5
V
VDD = 15V
0.9
0.7
0.5
V
VIHC
HIGH Level Input
VDD = 5V
3.5
3.5
3.5
V
Voltage
VDD = 10V
7.0
7.0
7.0
V
VDD = 15V
11.0
11.0
11.0
V
(Note 3) and Table 1
IIN
Input Current
VCC − VSS = 15V
±0.1
±10−5
±0.1
±1.0
µA
VDD ≥ VIS ≥ VSS
VDD ≥ VC ≥ VSS


Similar Part No. - CD4016BCN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4016BCN FAIRCHILD-CD4016BCN Datasheet
93Kb / 9P
   Quad Bilateral Switch
More results

Similar Description - CD4016BCN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com