Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT8051 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVXT8051
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT8051 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVXT8051 Datasheet HTML 1Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 2Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 3Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 4Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 5Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 6Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 7Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 8Page - ON Semiconductor MC74LVXT8051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74LVXT8051
http://onsemi.com
5
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
Limit*
Symbol
Parameter
Condition
VCC
V
25
°C
Unit
BW
Maximum On−Channel Bandwidth or
Mi i
F
R
fin = 1MHz Sine Wave; Adjust fin Voltage to Obtain
0dB
t V
If F
U til dB M t
MHz
Minimum Frequency Response
(Figure 6)
0dBm at VOS; Increase fin Frequency Until dB Meter
Reads −3dB;
RL = 50W, CL = 10pF
3.0
4.5
5.5
80
80
80
Off−Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm at
VIS
fin = 10kHz, RL = 600W, CL = 50pF
3.0
4.5
5.5
−50
−50
−50
dB
fin = 1.0MHz, RL = 50W, CL = 10pF
3.0
4.5
5.5
−37
−37
−37
Feedthrough Noise. Channel−Select
Input to Common I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 3ns); Adjust RL at
Setup so that IS = 0A;
Enable = GND
RL = 600W, CL = 50pF
3.0
4.5
5.5
25
105
135
mVPP
RL = 10kW, CL = 10pF
3.0
4.5
5.5
35
145
190
Crosstalk Between Any Two
Switches (Figure 12)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm at
VIS
fin = 10kHz, RL = 600W, CL = 50pF
3.0
4.5
5.5
−50
−50
−50
dB
fin = 1.0MHz, RL = 50W, CL = 10pF
3.0
4.5
5.5
−60
−60
−60
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kW, CL = 50pF
THD = THDmeasured − THDsource
VIS = 2.0VPP sine wave
VIS = 4.0VPP sine wave
VIS = 5.0VPP sine wave
3.0
4.5
5.5
0.10
0.08
0.05
%
*Limits not tested. Determined by design and verified by qualification.


Similar Part No. - MC74LVXT8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8051 ONSEMI-MC74LVXT8051 Datasheet
247Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVXT8051 ONSEMI-MC74LVXT8051 Datasheet
173Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 5
MC74LVXT8051D ONSEMI-MC74LVXT8051D Datasheet
247Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVXT8051DG ONSEMI-MC74LVXT8051DG Datasheet
173Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 5
MC74LVXT8051DR2 ONSEMI-MC74LVXT8051DR2 Datasheet
247Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
More results

Similar Description - MC74LVXT8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com