Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4053 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC74LVXT4053
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC74LVXT4053_05 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 9Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 10Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 11Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 12Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 13Page - ON Semiconductor MC74LVXT4053_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC74LVXT4053
http://onsemi.com
11
APPLICATIONS INFORMATION
The Channel Select and Enable control pins should be at
VCC or GND logic levels. VCC being recognized as a logic
high and GND being recognized as a logic low. In this
example:
VCC =
)5 V = logic high
GND = 0 V = logic low
The maximum analog voltage swing is determined by the
supply voltages VCC and VEE. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below VEE. In this example,
the difference between VCC and VEE is five volts. Therefore,
using the configuration of Figure 21, a maximum analog
signal of five volts peak−to−peak can be controlled. Unused
analog inputs/outputs may be left floating (i.e., not
connected). However, tying unused analog inputs and
outputs to VCC or GND through a low value resistor helps
minimize crosstalk and feedthrough noise that may be
picked up by an unused switch.
Although used here, balanced supplies are not a
requirement. The only constraints on the power supplies are
that:
VEE − GND = 0 to
*6 volts
VCC − GND = 2.5 to 6 volts
VCC − VEE = 2.5 to 6 volts
and VEE
v GND
When voltage transients above VCC and/or below VEE are
anticipated on the analog channels, external Germanium or
Schottky diodes (Dx) are recommended as shown in
Figure 22. These diodes should be able to absorb the
maximum anticipated current surges during clipping.
ANALOG
SIGNAL
Figure 20. Application Example
ON
6
7
8
16
+3.0 V
ANALOG
SIGNAL
+3.0 V
−3.0 V
+3.0 V
−3.0 V
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 3.0 V
DIGITAL SIGNALS
−3.0 V
Figure 21. Application Example
ANALOG
SIGNAL
ON
6
7
8
16
+5 V
ANALOG
SIGNAL
+5 V
GND
+5 V
GND
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 5 V
DIGITAL SIGNALS
ON/OFF
7
8
16
VCC
VEE
Dx
VCC
Dx
VEE
Dx
VCC
Dx
VEE
Figure 22. External Germanium or Schottky Clipping Diodes


Similar Part No. - MC74LVXT4053_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4053D ONSEMI-MC74LVXT4053D Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4053DG ONSEMI-MC74LVXT4053DG Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
MC74LVXT4053DR2 ONSEMI-MC74LVXT4053DR2 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4053DR2G ONSEMI-MC74LVXT4053DR2G Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
MC74LVXT4053DT ONSEMI-MC74LVXT4053DT Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 3
More results

Similar Description - MC74LVXT4053_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com