Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4051D Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74LVXT4051D
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74LVXT4051D Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 11Page - ON Semiconductor MC74LVXT4051D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC74LVXT4051
http://onsemi.com
8
Figure 10. Charge Injection, Test Set−Up
ON/OFF
7
8
VCC
VOUT
OFF/ON
9− 11
CL*
VIH
VIL
*Includes all probe and jig capacitance.
16
Bias Channel Selects to
test each combination of
analog inputs to common
analog output.
6
Enable
VEE
VIN
RIS
VIS
VOUT
DVOUT
Q = CL * DVOUT
Figure 11. Maximum On Channel Feedthrough On Loss, Test Set−Up
OFF
ON
6
7
8
VCC
VEE
9− 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50
W
100 K
W
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X
*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude =
)13 dB
Reference Attenuation = 20 dB
Test Attenuation = 20 dB
VONL(dB) = 20 log (VT1/VR1)
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Similar Part No. - MC74LVXT4051D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051D ONSEMI-MC74LVXT4051D Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVXT4051DR2 ONSEMI-MC74LVXT4051DR2 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DR2G ONSEMI-MC74LVXT4051DR2G Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
More results

Similar Description - MC74LVXT4051D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com