Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD56 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MTD56
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MTD56 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MTD56 Datasheet HTML 1Page - Fairchild Semiconductor MTD56 Datasheet HTML 2Page - Fairchild Semiconductor MTD56 Datasheet HTML 3Page - Fairchild Semiconductor MTD56 Datasheet HTML 4Page - Fairchild Semiconductor MTD56 Datasheet HTML 5Page - Fairchild Semiconductor MTD56 Datasheet HTML 6Page - Fairchild Semiconductor MTD56 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500127
www.fairchildsemi.com
March 1998
Revised December 2000
74VCX162839
Low Voltage 20-Bit Selectable Register/Buffer
with 3.6V Tolerant Inputs/Outputs
and 26
Ω Series Resistors in the Outputs
General Description
The VCX162839 contains twenty non-inverting selectable
buffered or registered paths. The device can be configured
to operate in a registered, or flow through buffer mode by
utilizing the register enable (REGE) and Clock (CLK) sig-
nals. The device operates in a 20-bit word wide mode. All
outputs can be placed into 3-STATE through use of the OE
pin. These devices are ideally suited for buffered or regis-
tered 168 pin and 200 pin SDRAM DIMM memory mod-
ules.
The 74VCX162839 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74VCX162839 is also designed with 26
Ω series resis-
tors in the outputs. This design reduces line noise in appli-
cations such as memory address drivers, clock drivers, and
bus transceivers/transmitters.
The 74VCX162839 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s Compatible with PC100 and PC133 DIMM module
specifications
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in the outputs
s tPD (CLK to On)
4.1 ns max for 3.0V to 3.6V VCC
5.8 ns max for 2.3V to 2.7V VCC
9.8 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion and withdrawal (Note 1)
s Static Drive (IOH/IOL)
±12 mA @ 3.0V V
CC
±8 mA @ 2.3V V
CC
±3 mA @ 1.65V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Description
74VCX162839MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
I0–I19
Inputs
O0–O19
Outputs
CLK
Clock Input
REGE
Register Enable Input


Similar Part No. - MTD56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MTD56 NSC-MTD56 Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Fairchild Semiconductor
MTD56 FAIRCHILD-MTD56 Datasheet
94Kb / 9P
   Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
MTD56 FAIRCHILD-MTD56 Datasheet
123Kb / 10P
   Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
International Rectifier
MTD56 IRF-MTD56 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
MTD56 FAIRCHILD-MTD56 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
More results

Similar Description - MTD56

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com