Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4053MELG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX4053MELG
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4053MELG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX4053MELG Datasheet HTML 1Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 2Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 3Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 4Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 5Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 6Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 7Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 8Page - ON Semiconductor MC74LVX4053MELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVX4053
http://onsemi.com
4
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
*55 to 25°C
v85°C v125°C
Unit
VIH
Minimum High−Level Input
Voltage, Channel−Select or
Enable Inputs
2.5
3.0
4.5
6.0
1.90
2.10
3.15
4.2
1.90
2.10
3.15
4.2
1.90
2.10
3.15
4.2
V
VIL
Maximum Low−Level Input
Voltage, Channel−Select or
Enable Inputs
2.5
3.0
4.5
6.0
0.6
0.9
1.35
1.8
0.6
0.9
1.35
1.8
0.6
0.9
1.35
1.8
V
IIN
Maximum Input Leakage
Current, Channel−Select or
Enable Inputs
VIN = 6.0 or GND
0 V to 6.0 V
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable
and VIS = VCC or GND
6.0
4.0
40
80
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
VCC
VEE
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
*55 to 25°C
v85_C v125_C
Unit
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
(Figure 4)
3.0
4.5
3.0
0
0
*3.0
86
37
26
108
46
33
120
55
37
W
DRON
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
3.0
4.5
3.0
0
0
*3.0
15
13
10
20
18
15
20
18
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
+3.0
0
−3.0
0.1
0.1
0.5
0.5
1.0
1.0
mA
Maximum Off−Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
Ion
Maximum On−Channel
Leakage Current,
Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
mA
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Guaranteed Limit
VCC
VEE
*55 to 25_C
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Min
Typ*
v85_C v125_C
Unit
tBBM
Min. Break−Before−Make Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figures 12 and 13)
3.0
4.5
3.0
0.0
0.0
*3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25
_C.


Similar Part No. - MC74LVX4053MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4053MELG ONSEMI-MC74LVX4053MELG Datasheet
181Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 8
More results

Similar Description - MC74LVX4053MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com