Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX162839 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VCX162839
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162839 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VCX162839_00 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162839_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Table
H
= Logic HIGH
L
= Logic LOW
X
= Don’t Care, but not floating
Z
= High Impedance
↑ = LOW-to-HIGH Clock Transition
Functional Description
The 74VCX162839 consists of twenty selectable non-
inverting buffers or registers with word wide modes. Mode
functionality is selected through operation of the CLK and
REGE pin as shown by the truth table. When REGE is held
at a logic HIGH the device operates as a 20-bit register.
Data is transferred from In to On on the rising edge of the
CLK input. When the REGE pin is held at a logic LOW the
device operates in a flow through mode and data propa-
gates directly from the In to the On outputs. All outputs can
be 3-stated by holding the OE pin at a logic HIGH.
Logic Diagram
Inputs
Outputs
CLK
REGE
In
OE
On
HH
L
H
HL
L
L
XL
H
L
H
X
LLL
L
XXX
H
Z


Similar Part No. - 74VCX162839_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Similar Description - 74VCX162839_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com