Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4053DT Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74LVX4053DT
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4053DT Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVX4053DT Datasheet HTML 6Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 7Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 8Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 9Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 10Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 11Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 12Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 13Page - ON Semiconductor MC74LVX4053DT Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVX4053
http://onsemi.com
10
Figure 18. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 19. Total Harmonic Distortion, Test Set−Up
6
7
8
9− 11
HP3466
DMM
16
50 K
W
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output
COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


Similar Part No. - MC74LVX4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4053DT ONSEMI-MC74LVX4053DT Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVX4053DTG ONSEMI-MC74LVX4053DTG Datasheet
181Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 8
MC74LVX4053DTG ONSEMI-MC74LVX4053DTG Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4053DTR2 ONSEMI-MC74LVX4053DTR2 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVX4053DTR2G ONSEMI-MC74LVX4053DTR2G Datasheet
181Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 8
More results

Similar Description - MC74LVX4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com