Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3525-S16-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # U3525-S16-T
Description  REGULATING PWM IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525-S16-T Datasheet(HTML) 9 Page - Unisonic Technologies

  U3525-S16-T Datasheet HTML 1Page - Unisonic Technologies U3525-S16-T Datasheet HTML 2Page - Unisonic Technologies U3525-S16-T Datasheet HTML 3Page - Unisonic Technologies U3525-S16-T Datasheet HTML 4Page - Unisonic Technologies U3525-S16-T Datasheet HTML 5Page - Unisonic Technologies U3525-S16-T Datasheet HTML 6Page - Unisonic Technologies U3525-S16-T Datasheet HTML 7Page - Unisonic Technologies U3525-S16-T Datasheet HTML 8Page - Unisonic Technologies U3525-S16-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R103-032,A
TYPICAL CHARACTERISTICS
2
2
1
1020
100 2005001ms
T (μs)
550
2ms
5
10
20
50
RD=0
7
RT
CT
RD
Oscillator Charge Time vs. RT and CT
5
6
100
0
1
T (μs)
0.5
Oscillator DisCharge Time vs. RD and CT
2
5
10 20
50
200
300
400
0.01
1
0
IOUT (A)
Output Saturation Characteristics
0.1
2
3
Tamb=25℃
SOURCE SAT,VC-VOH
VIN=20V
100
0
f (Hz)
Error Amplifier Voltage Gain and Phase vs. Frequency
20
PHASE
1k
10k
100k 1M
40
60
80
Values below30kΩ
will begin to limit the
maximum duty cycle
30kΩ
100kΩ
300kΩ
1MΩ
RL=∞
-360°
-270°
-180°
VIN=20V
SINK SAT, VOL
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U3525-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U3525-S16-T UTC-U3525-S16-T Datasheet
294Kb / 9P
   REGULATING PWM IC
More results

Similar Description - U3525-S16-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
U3525 UTC-U3525_16 Datasheet
294Kb / 10P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com