Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G17 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G17
Description  SINGLE SCHMITT-TRIGGER BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G17 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G17 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G17 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G17 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G17 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G17 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-080,A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Output Voltage(power-down mode)
VOUT
-0.5~6.5
V
Input Clamp Current(ViN<0)
IIK
-50
mA
Output Clamp Current(VO<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNI
T
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
85
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC= 1.65V
0.76
1.16
VCC= 2.3V
1.08
1.56
VCC= 3.0V
1.48
1.92
VCC= 4.5V
2.16
2.74
Positive-going Input
Threshold Voltage
VT+
VCC= 5.5V
2.61
3.33
V
VCC= 1.65V
0.35
0.62
VCC= 2.3V
0.56
0.88
VCC= 3.0V
0.84
1.2
VCC= 4.5V
1.41
1.97
Negative-going Input
Threshold Voltage
VT-
VCC= 5.5V
1.87
2.4
VCC= 1.65V
0.36
0.64
VCC= 2.3V
0.45
0.78
VCC= 3.0V
0.51
0.87
VCC= 4.5V
0.58
1.04
HysteresisVoltage
(VT+-VT-)
VT
VCC= 5.5V
0.69
1.11
V
VCC= 1.65V~4.5V, IOH=-100µA
VCC-0.1
VCC= 1.65V, IOH=-4mA
1.2
VCC= 2.3V, IOH=-8mA
1.9
VCC= 3.0V, IOH=-16mA
2.4
VCC= 3.0V, IOH=-24mA
2.3
High-Level Output
Voltage
VOH
VCC= 4.5V, IOH=-32mA
3.8
V
VCC= 1.65V~4.5V, IOL=100µA
0.1
VCC= 1.65V, IOL=4mA
0.45
VCC= 2.3V, IOL=8mA
0.3
VCC= 3.0V, IOL=16mA
0.4
VCC= 3.0V, IOL=24mA
0.55
Low-Level Output
Voltage
VOL
VCC= 4.5V, IOL=32mA
0.55
V


Similar Part No. - U74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
150Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
U74LVC1G17 UTC-U74LVC1G17 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
U74LVC1G17G-AE5-R UTC-U74LVC1G17G-AE5-R Datasheet
150Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
U74LVC1G17G-AE5-R UTC-U74LVC1G17G-AE5-R Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74LVC1G17G-AE5-R UTC-U74LVC1G17G-AE5-R Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - U74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com